PART |
Description |
Maker |
Z84C4304PEC Z0844004 Z0844004PSC Z8440 Z0844204PSC |
Serial input/output controller, 6MHz Serial input/output controller, 4MHz 3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
|
Zilog. ZiLOG, Inc.
|
LH0084 |
(LH0085 / LH0086 / LH0087) Z80 SIO Serial Input/Output Controller
|
Sharp
|
A6812EA A6812EEP A6812ELW 6812 A6812 A6812SA A6812 |
DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER 达比奇第四,20位串行输入,锁存源驱 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比奇第四,20位串行输入,锁存源驱 DABiC-IV. 20-BIT SERIAL-INPUT. LATCHED SOURCE DRIVER DABiC-IV,20-Bit Serial-Input, Latched Source Driver(驱动真空荧光显示器的DABiC-IV,20位锁存源驱动 DABiC-IV/ 20-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
IN74HC597A IN74HC597AD IN74HC597AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
AD5570WRSZ AD5570-15 |
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 12 us SETTLING TIME, 16-BIT DAC, PDSO16 True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
|
Analog Devices, Inc.
|
AD5555CRU AD5555CRU-REEL7 AD5545 AD5545BRU-REEL7 A |
Precision DUAL 16-Bit 14-Bit-DACs in Compact TSSOP Packages Dual/ Current-Output/ Serial-Input/ 16-/14-Bit DAC Dual, Current-Output, Serial-Input, 16-/14-Bit DAC SERIAL INPUT LOADING, 0.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5530BRU AD5531BRU AD5531 AD5530 |
Serial Input, ±10 V Output Voltage Range, 14-Bit DAC Serial Input, ±10 V Output Voltage Range, 12-Bit DAC Serial Input, 0 V Output Voltage Range, 12-Bit DAC Serial Input, 0 V Output Voltage Range, 14-Bit DAC Serial Input/ Voltage Output 12-/14-Bit DACs Serial Input, Voltage Output 12-/14-Bit DACs 串行输入,电压输出数模转换器12-/14-Bit
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX531 MAX531ACPD MAX531ACSD MAX531AEPD MAX531AESD |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 5V / Low-Power / Voltage-Output / Serial 12-Bit DACs OFFICE TRANSCEIVER CABLE VER 2 Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:17-99 RoHS Compliant: No 5V Low-Power Voltage-Output Serial 12-Bit DACs 5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MC54HC597AJ |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with Input Latch HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16
|
Motorola Mobility Holdings, Inc.
|
MC74HC165D MC54HC165J MC74HC165N MC54_74HC165 ON13 |
From old datasheet system 8-Bit Serial or Parallel-Input/Serial-Output Shift Register
|
ON Semi Motorola, Inc
|
MC74HC165A ON1369 |
8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER From old datasheet system
|
ON Semi
|